Part Number Hot Search : 
4435GM EP110 N6158A D2054UK B41695 472ME 880371 BUY90
Product Description
Full Text Search
 

To Download EPC-1300-10-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
16.05.2008 Wavelength range Infrared
1350 20 O1000
EPC-1300-1.0-4
rev. 03 Electrodes Both on top side Type Planar Technology InGaAs/InP
typ. dimensions in m typ. thickness 330 (20) m top side* bond gold 1.0 m
1
Description
Broadband photodiode with maximum response in the NIR-region and enhanced responsivity in the visible range, no rear side metalization
1350 20
rear side no metalization
O150 O150
Applications
Optical communications, safety equipment, light barriers
2
* Bond pad assigment: Pos. 1 - Anode Pos. 2 - Cathode
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Active area Operating temperature range Storage temperature range Temperature coefficient of ID T = -40...120 C Test onditions Symbol A Tamb Tstg TC(ID) Value 0.78 -40 to +125 -40 to +125 7.4 Unit mm C C %/K
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions IF = 10 mA Forward voltage Breakdown voltage
2)
Symbol VF VR 0,5 S ID RSH NEP D* CJ
Min
Typ 0.6
Max
Unit V V
IR = 10 A VR = 0 V VR = 0 V VR = 0 V VR = 5 V VR = 10 mV = 1300 nm = 1300 nm VR = 0 V
5 440 680 0.9 0.5 15 30 3.0x10 130
-14 12
Sensitivity range at 10 % Spectral bandwidth at 50 % Responsivity at 1300 nm Dark current Shunt resistance Noise equivalent power Specific detectivity Junction capacitance
1) 1)
1710
nm nm A/W
10
nA M
W/ Hz
cm Hz W -1
2.9x10
pF
measured on bare chip on TO-18 header 2) for information only
Labeling
Type EP-1300-1.0-4 Typ. ID [nA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each application by the customers themselves. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 2 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
Photodiode-Chip
16.05.2008
EPC-1300-1.0-4
rev. 03
1 ,2 1 ,0 0 ,8 0 ,6 0 ,4 0 ,2
T y p ic a l O p tic a l R e s p o n s iv ity
Responsivity (A/W)
0 ,0 400 600 800 1000 1200 1400 1600 1800
W a v e le n g th [n m ]
D a rk C u rre n t v s . A m b ie n t T e m p e ra tu re
100
Dark Current [nA]
T K = 0 .7 4 % /K
10
1
20
40
60
80
100
120
A m b ie n t T e m p e ra tu re [C ]
S h o rt-C irc u it C u rre n t v s . A m b ie n t T e m p e ra tu re [T C ]
Short-Circuit Current [arb. units]
1 ,0 4 1 ,0 2 1 ,0 0 0 ,9 8 0 ,9 6 0 ,9 4 0 ,9 2 0 ,9 0
T C (I S H ) = -0 .3 7 % /K
0
20
40
60
80
100
120
140
A m b ie n t T e m p e ra tu re [C ]
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each application by the customers themselves. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 2 of 2 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545


▲Up To Search▲   

 
Price & Availability of EPC-1300-10-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X